Part Number Hot Search : 
LS703 RF1604 1N5822US SMS12 VCH162 NJU6446 TPC6003 DETECTOR
Product Description
Full Text Search
 

To Download AON6400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON6400 30v n-channel mosfet v ds i d (at v gs =10v) 85a r ds(on) (at v gs =10v) < 1.4m w r ds(on) (at v gs = 4.5v) < 1.8m w symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 1 55 1.5 power dissipation b p d w power dissipation a p dsm w t a =70c 83 1.45 t a =25c a t a =25c i dsm a t a =70c i d 85 67 t c =25c t c =100c avalanche energy l=0.1mh c mj avalanche current c 25 continuous drain current 405 31 a 90 the AON6400 combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v v 20 gate-source voltage drain-source voltage 30 units maximum junction-to-ambient a c/w r q ja 14 40 17 junction and storage temperature range -55 to 150 c thermal characteristics 400 pulsed drain current c continuous drain current g parameter typ max t c =25c 2.3 33 t c =100c top view 1 2 3 4 8 7 6 5 g d s www.freescale.net.cn 1/6 general description features
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 1 m a v gs(th) gate threshold voltage 1.2 1.7 2.2 v i d(on) 400 a 1.15 1.4 t j =125c 1.75 2.1 1.45 1.8 m w g fs 140 s v sd 0.65 1 v i s 85 a c iss 5500 6900 8300 pf c oss 740 1060 1380 pf c rss 440 730 1020 pf r g 0.6 1.2 1.8 w q g (10v) 110 140 170 nc q g (4.5v) 55 70 84 nc q gs 16 20 24 nc q gd 20 32 45 nc t d(on) 12 ns t r 13 ns t d(off) 88 ns t f 32 ns t rr 15 19 23 ns q rr 44 55 66 nc components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time drain-source breakdown voltage on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a reverse transfer capacitance i f =20a, di/dt=500a/ m s v gs =0v, v ds =15v, f=1mhz switching parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss m a v ds =v gs i d =250 m a v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current forward transconductance diode forward voltage r ds(on) static drain-source on-resistance m w i s =1a,v gs =0v v ds =5v, i d =20a v gs =4.5v, i d =20a v gs =10v, v ds =15v, r l =0.75 w , r gen =3 w gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =15v, i d =20a gate source charge gate drain charge total gate charge body diode reverse recovery charge i f =20a, di/dt=500a/ m s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 15 0c. the value in any given application depends on the user's specific board design,and the maximum temperature of 150c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedence from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. g. the maximum current rating is limited by package . h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. www.freescale.net.cn 2/6 AON6400 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 20 40 60 80 100 1 1.5 2 2.5 3 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 0 1 2 3 0 5 10 15 20 25 30 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w w w w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 200 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =4.5v i d =15a v gs =10v i d =20a 0 1 2 3 4 5 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w w w w ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =20a 25c 125c 0 20 40 60 80 100 120 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =2.5v 3v 4.5v 10v www.freescale.net.cn 3/6 AON6400 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 2 4 6 8 10 0 30 60 90 120 150 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 2000 4000 6000 8000 10000 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 50 100 150 200 250 300 350 400 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q q q q jc normalized transient thermal resistance c oss c rss v ds =15v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t c =25c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150c t c =25c 100 m s r q jc =1.5c/w www.freescale.net.cn 4/6 AON6400 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 1000 10000 pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) z q q q q ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 t case (c) figure 13: power de-rating (note f) power dissipation (w) 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 t case (c) figure 14: current de-rating (note f) current rating i d (a) 1 10 100 1000 10000 0.0001 0.01 1 100 pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) power (w) t a =25c r q ja =55c/w 10 100 1000 1 10 100 1000 time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (note c) i ar (a) peak avalanche current t a =25c t a =150c t a =100c t a =125c www.freescale.net.cn 5/6 AON6400 30v n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AON6400 30v n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AON6400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X